전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC16839 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74ALVC16839
상세설명  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16839 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  74ALVC16839 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16839 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16839 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16839 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16839 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16839 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD56
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


유사한 부품 번호 - 74ALVC16839

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834ADGG PHILIPS-74ALVC16834ADGG Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16834ADGG NEXPERIA-74ALVC16834ADGG Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results

유사한 설명 - 74ALVC16839

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
logo
Toshiba Semiconductor
TC74VCX16827FT TOSHIBA-TC74VCX16827FT Datasheet
340Kb / 9P
   LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
logo
Toshiba Semiconductor
TC74VCX162827FT TOSHIBA-TC74VCX162827FT Datasheet
344Kb / 9P
   LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722_05 Datasheet
108Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
74VCX16722 FAIRCHILD-74VCX16722 Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com