전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F182 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74F182
상세설명  Carry Lookahead Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F182 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74F182 Datasheet HTML 1Page - Fairchild Semiconductor 74F182 Datasheet HTML 2Page - Fairchild Semiconductor 74F182 Datasheet HTML 3Page - Fairchild Semiconductor 74F182 Datasheet HTML 4Page - Fairchild Semiconductor 74F182 Datasheet HTML 5Page - Fairchild Semiconductor 74F182 Datasheet HTML 6Page - Fairchild Semiconductor 74F182 Datasheet HTML 7Page - Fairchild Semiconductor 74F182 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW
−1.2
mA
Max
VIN = 0.5V (Cn)
Current
−2.4
VIN = 0.5V (P3)
−3.6
VIN = 0.5V (P2)
−4.8
VIN = 0.5V (G3, P0, P1)
−8.4
VIN = 0.5V (G0, G2)
−9.6
VIN = 0.5V (G1)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
18.4
28.0
mA
Max
VO = HIGH
ICCL
Power Supply Current
23.5
36.0
mA
Max
VO = LOW


유사한 부품 번호 - 74F182

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F182 NSC-74F182 Datasheet
164Kb / 8P
   Carry Lookahead Generator
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
   Look-ahead carry generator
1991 Apr 15 2 853
logo
National Semiconductor ...
74F182PC NSC-74F182PC Datasheet
164Kb / 8P
   Carry Lookahead Generator
74F182SJ NSC-74F182SJ Datasheet
164Kb / 8P
   Carry Lookahead Generator
More results

유사한 설명 - 74F182

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74AC182 RENESAS-HD74AC182 Datasheet
207Kb / 7P
   Carry Lookahead Generator
logo
National Semiconductor ...
54F182DM NSC-54F182DM Datasheet
164Kb / 8P
   Carry Lookahead Generator
logo
Motorola, Inc
MC5474F182 MOTOROLA-MC5474F182 Datasheet
99Kb / 4P
   CARRY LOOKAHEAD GENERATOR
SN54LS182 MOTOROLA-SN54LS182 Datasheet
182Kb / 4P
   CARRY LOOKAHEAD GENERATOR LOW POWER SCHOTTKY
logo
Hitachi Semiconductor
HD74AC182 HITACHI-HD74AC182 Datasheet
65Kb / 11P
   Carry Lookhead Generator
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
   Look-Ahead Carry Generator
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
   LOOK-AHEAD CARRY GENERATOR
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
   Carry Look-Ahead Generator
June 14 1990
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
   Look-ahead carry generator
December 1990
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
   Look-Ahead Carry Generator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com