전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F30 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74F30
상세설명  8-Input NAND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F30 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74F30 Datasheet HTML 1Page - Fairchild Semiconductor 74F30 Datasheet HTML 2Page - Fairchild Semiconductor 74F30 Datasheet HTML 3Page - Fairchild Semiconductor 74F30 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009560
www.fairchildsemi.com
April 1988
Revised August 1999
74F30
8-Input NAND Gate
General Description
This device contains a single gate, which performs the
logic NAND function.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Unit Loading/Fan Out
Connection Diagram
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Order Number
Package Number
Package Description
74F30SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F30SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F30PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
A0–A7
Inputs
1.0/1.0
20
µA/−0.6 mA
O
Output
50/33.3
−1 mA/20 mA
Inputs
Output
A0
A1
A2
A3
A4
A5
A6
A7
O
L
XXX
XXX
X
H
X
L
XX
XXX
X
H
X
X
L
X
XXX
X
H
X
X
X
L
XXX
X
H
X
XXX
L
X
X
X
H
X
XXX
X
L
X
X
H
X
XXX
XX
L
X
H
X
XXX
XXX
L
H
HHH
HHH
HH
L


유사한 부품 번호 - 74F30

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F30 PHILIPS-74F30 Datasheet
68Kb / 8P
   8-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F30 FAIRCHILD-74F30 Datasheet
66Kb / 5P
   8-Input NAND Gate
logo
NXP Semiconductors
74F30240 PHILIPS-74F30240 Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
74F30244 PHILIPS-74F30244 Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
74F3037 PHILIPS-74F3037 Datasheet
71Kb / 8P
   Quad 2-input NAND 30ohm driver
1990 Feb 09
More results

유사한 설명 - 74F30

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com