전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F322 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74F322
상세설명  Octal Serial/Parallel Register with Sign Extend
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F322 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74F322 Datasheet HTML 1Page - Fairchild Semiconductor 74F322 Datasheet HTML 2Page - Fairchild Semiconductor 74F322 Datasheet HTML 3Page - Fairchild Semiconductor 74F322 Datasheet HTML 4Page - Fairchild Semiconductor 74F322 Datasheet HTML 5Page - Fairchild Semiconductor 74F322 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F322 contains eight D-type edge triggered flip-flops
and the interstage gating required to perform right shift and
the intrastage gating necessary for hold and synchronous
parallel load operations. A LOW signal on RE enables shift-
ing or parallel loading, while a HIGH signal enables the
hold mode. A HIGH signal on S/P enables shift right, while
a LOW signal disables the 3-STATE output buffers and
enables parallel loading. In the shift right mode a HIGH sig-
nal on SE enables serial entry from either D0 or D1, as
determined by the S input. A LOW signal on SE enables
shift right but Q7 reloads its contents, thus performing the
sign extend function required for the 74F384 Twos Com-
plement Multiplier. A HIGH signal on OE disables the 3-
STATE output buffers, regardless of the other control
inputs. In this condition the shifting and loading operations
can still be performed.
Mode Select Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Z
= High Impedance Output State
 = LOW-to-HIGH Transition
NC
= No Change
Note: I7–I0 = The level of the steady-state input at the respective I/O terminal is loaded into the flip-flop while the flip-flop outputs (except Q0) are isolated
from the I/O terminal.
Note: D0, D1 = The level of the steady-state inputs to the serial multiplexer input.
Note: O7–O0 = The level of the respective Qn flip-flop prior to the last Clock LOW-to-HIGH transition.
Note 1: When the OE input is HIGH all I/On terminals are at the high impedance state; sequential operation or clearing of the register is not affected.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
RE
Register Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
S/P
Serial (HIGH) or Parallel (LOW) Mode Control Input
1.0/1.0
20
µA/−0.6 mA
SE
Sign Extend Input (Active LOW)
1.0/3.0
20
µA/−1.8 mA
S
Serial Data Select Input
1.0/2.0
20
µA/−1.2 mA
D0, D1
Serial Data Inputs
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
MR
Asynchronous Master Reset Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
OE
3-STATE Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
Q0
Bi-State Serial Output
50/33.3
−1 mA/−20 mA
I/O0–I/O7
Multiplexed Parallel Data Inputs or
3.5/1.083
70
µA/−0.65 mA
3-STATE Parallel Data Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Mode
Inputs
Outputs
Q0
MR
RE
S/P
SE
SOE
(Note 1)
CP
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
Clear
L
X
X
X
X
L
X
L
L
LLL
LLL
L
L
X
X
X
X
H
X
ZZZ
ZZZ
ZZ
L
Parallel
H
L
L
X
X
X

I7
I6
I5
I4
I3
I2
I1
I0
I0
Load
Shift
H
L
H
H
L
L

D0
O7
O6
O5
O4
O3
O2
O1
O1
Right
H
L
H
H
H
L

D1
O7
O6
O5
O4
O3
O2
O1
O1
Sign
H
L
H
L
X
L

O7
O7
O6
O5
O4
O3
O2
O1
O1
Extend
Hold
H
H
X
X
X
L

NC
NC
NC
NC
NC
NC
NC
NC
NC


유사한 부품 번호 - 74F322

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F322 NSC-74F322 Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
logo
NXP Semiconductors
74F322 PHILIPS-74F322 Datasheet
80Kb / 9P
   8-bit serial/parallel register with sign extend 3-State
1988 Apr 22
logo
National Semiconductor ...
74F322PC NSC-74F322PC Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
74F322SJ NSC-74F322SJ Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
More results

유사한 설명 - 74F322

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F322DM NSC-54F322DM Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
logo
NXP Semiconductors
74F322 PHILIPS-74F322 Datasheet
80Kb / 9P
   8-bit serial/parallel register with sign extend 3-State
1988 Apr 22
logo
Texas Instruments
SN74LS322A TI1-SN74LS322A Datasheet
235Kb / 6P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH SIGN EXTEND
logo
Motorola, Inc
SN54LS322A MOTOROLA-SN54LS322A Datasheet
113Kb / 4P
   8-BIT SHIFT REGISTERS WITH SIGN EXTEND
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com