전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS-1 데이터시트(PDF) 1 Page - Cooper Bussmann, Inc.

부품명 TPS-1
상세설명  Telpower짰 Fuses 1 to 70 Amps, 170 Volts DC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPS-1 데이터시트(HTML) 1 Page - Cooper Bussmann, Inc.

  TPS-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPS-1 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Catalog Symbol: TPS
DC Power Distribution Fuses
Ampere Rating: 1 to 70A
Voltage Rating: 170Vdc
Interrupting Rating: 100,000A
Agency Information:
UL Recognized, File E56412, Guide JFHR2
Catalog Numbers
TPS-1
TPS-6
TPS-25L
TPS-50
TPS-1L
TPS-6L
TPS-25V
TPS-50L
TPS-1LB
TPS-10
TPS-30
TPS-50V
TPS-2
TPS-10L
TPS-30L
TPS-60
TPS-2L
TPS-15
TPS-35
TPS-60L
TPS-3
TPS-15L
TPS-35L
TPS-70
TPS-3L
TPS-20
TPS-40
TPS-70L
TPS-5
TPS-20L
TPS-40L
TPS-70LB
TPS-5L
TPS-25
TPS-40V
Bussmann
®
Telpower® Fuses
1 to 70 Amps, 170 Volts DC
General Information:
• TELPOWER
® fuses bring modern power fuse design to the
telecommunications industry.
• TELPOWER
® fuse line is the first to be specifically designed
to meet the unique needs of DC Power Distribution
Systems.
• The U.L. Recognized ratings of 170Vdc and 100,000A
interrupting rating along with the fuse’s current-
limiting capability make this fuse ideal for overcurrent
protection on existing DC Distribution Systems.
• A unique BLUE label is used on all TELPOWER
® fuses to
designate their DC capability.
• Circuit board applications available.
• Silver-plated brass ferrules.
• Glass melamine tube.
• For use with Bussmann Fused Disconnect Switch 15800.
• Spare Fuseholder: TPSFH-AS
(22.2mm) (± .38)
.88• (± .015)
.56• (± .002)
(14.3mm) (± .05)
Dimensional Data
TPS-(AMP)
Custom Designs
• Printed circuit board variations available.
1.76• ±.02
(44.65mm ± .51)
1.59• ± .02
(40.26mm ± .51)
1.35• ± .015
(34.16mm ± .38)
.500•
(12.70mm)
.348•
(8.84mm)
0.74•
(18.69mm)
1.261• ± .005
(32.03mm ± .13)
.348•
(8.84mm)
.190• ± .005*
(4.8mm ± .12)
*Recommend #8 Slotted Hex Washer
Head Machine Screw for mounting
TPS-(AMP)L
TPS-(AMP)V
TPS-(AMP)LB
Form No. TPS
Page 1 of 2
Data Sheet: 5009
TPS
4-23-03
SB03090


유사한 부품 번호 - TPS-1

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-1 COOPER-TPS-1 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1 Datasheet
697Kb / 39P
   Single Chip Interface Solution for PROFINET IO Devices
logo
Eaton All Rights Reserv...
TPS-1 EATON-TPS-1 Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
TPS-10 COOPER-TPS-10 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
More results

유사한 설명 - TPS-1

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
TPS-2 COOPER-TPS-2 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPA-3 COOPER-TPA-3 Datasheet
63Kb / 2P
   Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
logo
Marathon Special Produc...
141X100 MARATHON-141X100 Datasheet
436Kb / 3P
   70 Amps 600 Volts AC/DC
REV 07/02/21
logo
Cooper Bussmann, Inc.
70N-10A COOPER-70N-10A Datasheet
55Kb / 2P
   Telpower짰 Indicating Fuse and Holder 300 Volts DC ??1/10-10A
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Marathon Special Produc...
PV10BW MARATHON-PV10BW Datasheet
170Kb / 3P
   30 Amps 1000 Volts DC
REV-D 05-23-17
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com