전자부품 데이터시트 검색엔진 |
|
74F32SJ 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
74F32SJ 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics AC Electrical Characteristics Storage Temperature −65°C to +150°C Ambient Temperature under Bias −55°C to +125°C Junction Temperature under Bias −55°C to +150°C VCC Pin Potential to Ground Pin −0.5V to +7.0V Input Voltage (Note 2) −0.5V to +7.0V Input Current (Note 2) −30 mA to +5.0 mA Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output −0.5V to V CC 3-STATE Output −0.5V to +5.5V Current Applied to Output in LOW State (Max) twice the rated IOL (mA) ESD Last Passing Voltage (Min) 4000V Free Air Ambient Temperature 0 °C to +70°C Supply Voltage +4.5V to +5.5V Symbol Parameter Min Typ Max Units VCC Conditions VIH Input HIGH Voltage 2.0 V Recognized as a HIGH Signal VIL Input LOW Voltage 0.8 V Recognized as a LOW Signal VCD Input Clamp Diode Voltage −1.2 V Min IIN = −18 mA VOH Output HIGH 10% VCC 2.5 V Min IOH = −1 mA Voltage 5% VCC 2.7 IOH = −1 mA VOL Output LOW 10% VCC 0.5 V Min IOL = 20 mA Voltage IIH Input HIGH 5.0 µAMax VIN = 2.7V Current IBVI Input HIGH Current 7.0 µAMax VIN = 7.0V Breakdown Test ICEX Output HIGH 50 µAMax VOUT = VCC Leakage Current VID Input Leakage 4.75 V 0.0 IID = 1.9 µA Test All Other Pins Grounded IOD Output Leakage 3.75 µA0.0 VIOD = 150 mV Circuit Current All Other Pins Grounded IIL Input LOW Current −0.6 mA Max VIN = 0.5V IOS Output Short-Circuit Current −60 −150 mA Max VOUT = 0V ICCH Power Supply Current 6.1 9.2 mA Max VO = HIGH ICCL Power Supply Current 10.3 15.5 mA Max VO = LOW Symbol Parameter TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 50 pF CL = 50 pF Min Typ Max Min Max Min Max tPLH Propagation Delay 3.0 4.2 5.6 3.0 7.5 3.0 6.6 ns tPHL An, Bn to On 3.04.0 5.32.5 7.53.0 6.3 |
유사한 부품 번호 - 74F32SJ |
|
유사한 설명 - 74F32SJ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |