전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F365SC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74F365SC
상세설명  Hex Buffer/Driver with 3-STATE Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F365SC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74F365SC Datasheet HTML 1Page - Fairchild Semiconductor 74F365SC Datasheet HTML 2Page - Fairchild Semiconductor 74F365SC Datasheet HTML 3Page - Fairchild Semiconductor 74F365SC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009522
www.fairchildsemi.com
April 1988
Revised August 1999
74F365
Hex Buffer/Driver with 3-STATE Outputs
General Description
The 74F365 is a hex buffer and line driver designed to be
employed as a memory and address driver, clock driver
and bus-oriented transmitter/receiver.
Features
s 3-STATE buffer outputs
s Outputs sink 64 mA
s Bus-oriented
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Function Table
L
= LOW Voltage Level
X
= Immaterial
H
= HIGH Voltage Level
Z
= High Impedance
Unit Loading/Fan Out
Order Number
Package Number
Package Description
74F365SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F365PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Output
OE1
OE2
IO
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
OE1, OE2
Output Enable Input (Active LOW)
1.0/0.033
20
µA/20 µA
In
Inputs
1.0/0.033
20
µA/20 µA
On
Outputs
600/106.6 (80)
−12 mA/64 mA (48 mA)


유사한 부품 번호 - 74F365SC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F365SCQB NSC-74F365SCQB Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
74F365SCX NSC-74F365SCX Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
More results

유사한 설명 - 74F365SC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F366 FAIRCHILD-74F366 Datasheet
51Kb / 5P
   Hex Inverter Buffer with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
STMicroelectronics
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com