전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F433SPC 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 74F433SPC
상세설명  First-In First-Out (FIFO) Buffer Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F433SPC 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button 74F433SPC Datasheet HTML 7Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 8Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 9Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 10Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 11Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 12Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 13Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 14Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.fairchildsemi.com
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
Figure
Number
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
tPHL
Propagation Delay, Negative-Going
2.0
17.0
2.0
18.0
ns
Figure 11
Figure 12
CPSI to IRF Output
tPLH
Propagation Delay,
9.0
34.0
8.0
38.0
Negative-Going TTS to IRF
tPLH
Propagation Delay, Negative-Going
4.0
25.0
3.0
27.0
ns
Figure 13
Figure 14
tPHL
CPSO to QS Output
5.0
20.0
5.0
21.0
tPLH
Propagation Delay, Positive-Going
8.0
35.0
7.0
38.0
ns
Figure 15
tPHL
TOP to Q0–Q3 Outputs
7.0
30.0
7.0
32.0
tPHL
Propagation Delay,
7.0
25.0
6.0
28.0
ns
Figure 13
Figure 14
Negative-Going CPSO to ORE
tPHL
Propagation Delay,
6.0
26.0
6.0
28.0
ns
Figure 15
Negative-Going TOP to ORE
tPLH
Propagation Delay, Positive-Going
13.0
48.0
12.0
51.0
TOP to ORE
tPLH
Propagation Delay, Negative-Going
13.0
45.0
12.0
50.0
ns
Figure 13
Figure 14
TOS to Positive-Going ORE
tPHL
Propagation Delay, Positive-
4.0
22.0
4.0
23.0
ns
Figure 17
Figure 18
Going PL to Negative-Going IRF
tPLH
Propagation Delay, Negative-
7.0
31.0
6.0
35.0
Going PL to Positive-Going IRF
tPLH
Propagation Delay,
9.0
38.0
8.0
44.0
ns
Positive-Going OES to ORE
tPLH
Propagation Delay Positive-IRF
5.0
25.0
5.0
27.0
ns
Figure 18
Going IES to Positive-Going
tPHL
Propagation Delay
7.0
28.0
7.0
31.0
ns
MR to ORE
tPLH
Propagation Delay
5.0
27.0
5.0
30.0
ns
MR to IRF
tPZH
Enable Time
1.0
16.0
1.0
18.0
ns
tPZL
OE to Q0–Q3
1.0
14.0
1.0
16.0
tPHZ
Disable Time
1.0
10.0
1.0
12.0
tPLZ
OE to Q0–Q3
1.0
23.0
1.0
30.0
tPZH
Enable Time
1.0
10.0
1.0
12.0
ns
tPZL
Negative-Going OES to QS
1.0
14.0
1.0
15.0
tPHZ
Disable Time
1.0
10.0
1.0
12.0
tPLZ
Negative-Going OES to QS
1.0
14.0
1.0
16.0
tPZH
Enable Time
1.0
35.0
1.0
42.0
ns
tPZL
TOS to QS
1.0
35.0
1.0
39.0
tDFT
Fall-Through Time
0.2
0.9
0.2
1.0
ns
Figure 16
tAP
Parallel Appearance Time
−20.0
−2.0
−20.0
−2.0
ns
ORE to Q0–Q3
tAS
Serial Appearance Time
−20.0
5.0
−20.0
5.0
ORE to QS


유사한 부품 번호 - 74F433SPC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
   Dual 4-input NAND buffer
April 11, 1989
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

유사한 설명 - 74F433SPC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com