전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F545SC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74F545SC
상세설명  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F545SC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74F545SC Datasheet HTML 1Page - Fairchild Semiconductor 74F545SC Datasheet HTML 2Page - Fairchild Semiconductor 74F545SC Datasheet HTML 3Page - Fairchild Semiconductor 74F545SC Datasheet HTML 4Page - Fairchild Semiconductor 74F545SC Datasheet HTML 5Page - Fairchild Semiconductor 74F545SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009556
www.fairchildsemi.com
April 1988
Revised August 1999
74F545
Octal Bidirectional Transceiver with 3-STATE Outputs
General Description
The 74F545 is an 8-bit, 3-STATE, high-speed transceiver. It
provides bidirectional drive for bus-oriented microproces-
sor and digital communications systems. Straight through
bidirectional transceivers are featured, with 24 mA bus
drive capability on the A Ports and 64 mA bus drive capa-
bility on the B Ports.
One input, Transmit/Receive (T/R) determines the direction
of logic signals through the bidirectional transceiver. Trans-
mit enables data from A-to-B Ports; Receive enables data
from B-to-A Ports. The Output Enable input disables both A
and B Ports by placing them in a 3-STATE condition.
Features
s Higher drive than 8304
s 8-bit bidirectional data flow reduces system package
count
s 3-STATE inputs/outputs for interfacing with bus-oriented
systems
s 24 mA and 64 mA bus drive capability on A and B Ports,
respectively
s Transmit/Receive and Output Enable simplify control
logic
s Guaranteed 4000V minimum ESD protection
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F545SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F545PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


유사한 부품 번호 - 74F545SC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F545SC NSC-74F545SC Datasheet
166Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATEE Outputs
More results

유사한 설명 - 74F545SC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com