전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F657 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74F657
상세설명  Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F657 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74F657 Datasheet HTML 1Page - Fairchild Semiconductor 74F657 Datasheet HTML 2Page - Fairchild Semiconductor 74F657 Datasheet HTML 3Page - Fairchild Semiconductor 74F657 Datasheet HTML 4Page - Fairchild Semiconductor 74F657 Datasheet HTML 5Page - Fairchild Semiconductor 74F657 Datasheet HTML 6Page - Fairchild Semiconductor 74F657 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009584
www.fairchildsemi.com
March 1988
Revised August 1999
74F657
Octal Bidirectional Transceiver with
8-Bit Parity Generator/Checker and 3-STATE Outputs
General Description
The 74F657 contains eight non-inverting buffers with 3-
STATE outputs and an 8-bit parity generator/checker. It is
intended for bus-oriented applications. The buffers have a
guaranteed current sinking capability of 24 mA at the A
Port and 64 mA at the B Port.
Features
s 300 Mil 24-pin slimline DIP
s Combines 74F245 and 74F280A functions in one
package
s 3-STATE outputs
s B Outputs sink 64 mA
s 12 mA source current, B side
s Input diodes for termination effects
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
75F657SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F657SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide


유사한 부품 번호 - 74F657

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F657 PHILIPS-74F657 Datasheet
109Kb / 12P
   Octal transceiver with 8-bit parit generator/checker
1990 Jul 30
logo
Texas Instruments
74F657 TI1-74F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
More results

유사한 설명 - 74F657

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
logo
Texas Instruments
54F657 TI1-54F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com