전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F646BSC 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74F646BSC
상세설명  Octal Transceiver/Register with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F646BSC 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  74F646BSC Datasheet HTML 1Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 2Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 3Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 4Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 5Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 6Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 7Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 8Page - Fairchild Semiconductor 74F646BSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics 74F646/74F648
AC Operating Requirements 74F646/74F648
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
90
75
90
MHz
tPLH
Propagation Delay
2.0
7.0
2.0
8.5
2.0
8.0
ns
tPHL
Clock to Bus
2.0
8.0
2.0
9.5
2.0
9.0
tPLH
Propagation Delay
1.0
7.0
1.0
8.0
1.0
7.5
ns
tPHL
Bus to Bus (74F646)
1.0
6.5
1.0
8.0
1.0
7.0
tPLH
Propagation Delay
2.0
8.5
1.0
10.0
2.0
9.0
ns
tPHL
Bus to Bus (74F648)
1.0
7.5
1.0
9.0
1.0
8.0
tPLH
Propagation Delay
2.0
8.5
2.0
11.0
2.0
9.5
ns
tPHL
SBA or SAB to A or B
2.0
8.0
2.0
10.0
2.0
9.0
tPZH
Enable Time
2.0
8.5
2.0
10.0
2.0
9.0
ns
tPZL
OE to A or B
2.0
12.0
2.0
13.5
2.0
12.5
tPHZ
Disable Time
1.0
7.5
1.0
9.0
1.0
8.5
ns
tPLZ
OE to A or B
2.0
9.0
2.0
11.0
2.0
9.5
tPZH
Enable Time
2.0
14.0
2.0
16.0
2.0
15.0
ns
tPZL
DIR to A or B
2.0
13.0
2.0
15.0
2.0
14.0
tPHZ
Disable Time
1.0
9.0
1.0
10.0
1.0
9.5
ns
tPLZ
DIR to A or B
2.0
11.0
2.0
12.0
2.0
11.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
5.0
5.0
5.0
ns
tS(L)
Bus to Clock
5.0
5.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.5
2.0
ns
tH(L)
Bus to Clock
2.0
2.5
2.0
tW(H)
Clock Pulse Width
5.0
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0
5.0


유사한 부품 번호 - 74F646BSC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F646BSC NSC-74F646BSC Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BSCQB NSC-74F646BSCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BSCX NSC-74F646BSCX Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

유사한 설명 - 74F646BSC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com