전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F673ASC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74F673ASC
상세설명  16-Bit Serial-In, Serial/Parallel-Out Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F673ASC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74F673ASC Datasheet HTML 1Page - Fairchild Semiconductor 74F673ASC Datasheet HTML 2Page - Fairchild Semiconductor 74F673ASC Datasheet HTML 3Page - Fairchild Semiconductor 74F673ASC Datasheet HTML 4Page - Fairchild Semiconductor 74F673ASC Datasheet HTML 5Page - Fairchild Semiconductor 74F673ASC Datasheet HTML 6Page - Fairchild Semiconductor 74F673ASC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O pins)
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA (Qn, SI/O)
Voltage
10% VCC
2.4
IOH = −3 mA (SI/O)
5% VCC
2.7
IOH = −1 mA (Qn, SI/O)
5% VCC
2.7
IOH = −3 mA (SI/O)
VOL
Output LOW
10% VCC
0.5
VMin
IOL = 20 mA (Qn)
Voltage
10% VCC
0.5
IOL = 24 mA (SI/O)
IIH
Input HIGH Current
20
µAMax
VIN = 2.7V (Non I/O pins)
IBVI
Input HIGH Current
100
µAMax
VIN = 7.0V (Non I/O pins)
Breakdown Test
IBVIT
Input HIGH Current
1.0
mA
Max
VIN = 5.5V (SI/O)
Breakdown Test (I/O)
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IIH +
Output Leakage
70
µAMax
VOUT = 2.7V (SI/O)
IOZH
Current
IIL +
Output Leakage
−650
µAMax
VOUT = 0.5V (SI/O)
IOZL
Current
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICEX
Output HIGH Leakage Current
250
µAMax
VOUT = VCC
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCH
Power Supply Current
114
172
mA
Max
VO = HIGH
ICCL
Power Supply Current
114
172
mA
Max
VO = LOW


유사한 부품 번호 - 74F673ASC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Fairchild Semiconductor
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F675APC FAIRCHILD-74F675APC Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
More results

유사한 설명 - 74F673ASC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Texas Instruments
54F676 TI1-54F676 Datasheet
431Kb / 12P
[Old version datasheet]   54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com