전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F841SC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74F841SC
상세설명  10-Bit Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F841SC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74F841SC Datasheet HTML 1Page - Fairchild Semiconductor 74F841SC Datasheet HTML 2Page - Fairchild Semiconductor 74F841SC Datasheet HTML 3Page - Fairchild Semiconductor 74F841SC Datasheet HTML 4Page - Fairchild Semiconductor 74F841SC Datasheet HTML 5Page - Fairchild Semiconductor 74F841SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.5
8.0
2.0
9.0
ns
tPHL
Dn to On
1.5
6.5
1.5
7.0
tPLH
Propagation Delay
5.0
12.0
4.5
13.5
ns
tPHL
LE to On
2.0
7.5
2.0
8.0
tPZH
Output Enable Time
2.5
8.5
2.0
9.5
ns
tPZL
OE to On
2.5
9.0
2.0
10.0
tPHZ
Output Disable Time
1.0
6.5
1.0
7.5
tPLZ
OE to On
1.0
6.5
1.0
7.5
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.5
tS(L)
Dn to LE
2.0
2.5
ns
tH(H)
Hold Time, HIGH or LOW
2.5
3.0
tH(L)
Dn to LE
3.0
3.5
tW(H)
LE Pulse Width, HIGH
4.0
4.0
ns


유사한 부품 번호 - 74F841SC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
   Bus interface latches
1999 Jun 23
74F841 PHILIPS-74F841 Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
More results

유사한 설명 - 74F841SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
74ACT843 FAIRCHILD-74ACT843 Datasheet
60Kb / 6P
   9-Bit Transparent Latch
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
Fairchild Semiconductor
74F843 FAIRCHILD-74F843 Datasheet
49Kb / 6P
   9-Bit Transparent Latch
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
Fairchild Semiconductor
74ACT841 FAIRCHILD-74ACT841 Datasheet
71Kb / 7P
   10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ841 NSC-54ACTQ841 Datasheet
180Kb / 8P
   Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ841 FAIRCHILD-74ACTQ841_00 Datasheet
76Kb / 7P
   Quiet Series 10-Bit Transparent Latch with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
   Fast CMOS 20-Bit Transparent Latch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com