전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744325550 데이터시트(PDF) 8 Page - Analog Devices

부품명 744325550
상세설명  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

744325550 데이터시트(HTML) 8 Page - Analog Devices

Back Button 744325550 Datasheet HTML 4Page - Analog Devices 744325550 Datasheet HTML 5Page - Analog Devices 744325550 Datasheet HTML 6Page - Analog Devices 744325550 Datasheet HTML 7Page - Analog Devices 744325550 Datasheet HTML 8Page - Analog Devices 744325550 Datasheet HTML 9Page - Analog Devices 744325550 Datasheet HTML 10Page - Analog Devices 744325550 Datasheet HTML 11Page - Analog Devices 744325550 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP2384
Data Sheet
Rev. 0 | Page 8 of 24
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 10. UVLO Threshold vs. Temperature
3.30
2.90
–40
120
TEMPERATURE (°C)
2.95
3.00
3.05
3.10
3.15
3.20
3.25
–20
0
20
40
60
80
100
Figure 11. SS Pin Pull-Up Current vs. Temperature
630
620
610
570
580
590
600
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
RT = 100kΩ
Figure 12. Frequency vs. Temperature
0.95
1.25
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
1.05
1.00
1.10
1.15
1.20
RISING
FALLING
Figure 13. EN Threshold vs. Temperature
606
604
602
594
596
598
600
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
Figure 14. FB Voltage vs. Temperature
8.4
7.7
–40
120
TEMPERATURE (°C)
7.8
7.9
8.0
8.1
8.2
8.3
–20
0
20
40
60
80
100
Figure 15. VREG Voltage vs. Temperature


유사한 부품 번호 - 744325550

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744325550 WURTH-744325550 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744325550 WURTH-744325550 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744325550 WURTH-744325550_14 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

유사한 설명 - 744325550

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com