전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8479 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8479
상세설명  Very High Common-Mode Voltage Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8479 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8479 Datasheet HTML 4Page - Analog Devices AD8479 Datasheet HTML 5Page - Analog Devices AD8479 Datasheet HTML 6Page - Analog Devices AD8479 Datasheet HTML 7Page - Analog Devices AD8479 Datasheet HTML 8Page - Analog Devices AD8479 Datasheet HTML 9Page - Analog Devices AD8479 Datasheet HTML 10Page - Analog Devices AD8479 Datasheet HTML 11Page - Analog Devices AD8479 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8479
Data Sheet
Rev. 0 | Page 8 of 16
–15
–10
–5
0
5
10
15
100
1k
10k
100k
1M
RESIST
ANCE (Ω)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 16. Output Voltage vs. Load over Temperature
–15
–10
–5
0
5
10
15
0
5
10
15
20
25
30
35
40
45
ILOAD (mA)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 17. Output Voltage vs. Output Current over Temperature
–30
–20
–10
0
10
20
30
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
NORMALIZED AT 25°C
REPRESENTATIVE DATA
Figure 18. CMRR vs. Temperature, VCM = ±20 V
–100
–50
0
50
100
150
200
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
Figure 19. Gain Drift
–20
–15
–10
–5
0
5
10
15
20
–10
–8
–6
–4
–2
0
2
4
6
8
10
VOUT (V)
Figure 20. Gain Nonlinearity
–8
–6
–4
–2
0
2
4
6
8
–20
–16
–12
–8
–4
0
4
8
12
16
20
VOUT (V)
VS = ±18V
VS = ±15V
VS = ±12V
VS = ±10V
VS = ±5V
NORMALIZED AT 0V; OFFSET TO SHOW
DIFFERENT POWER SUPPLIES
Figure 21. Output Error vs. Output Voltage, RL = 10 kΩ


유사한 부품 번호 - AD8479

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8479 AD-AD8479 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479ARZ AD-AD8479ARZ Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479ARZ-RL AD-AD8479ARZ-RL Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479BRZ AD-AD8479BRZ Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
More results

유사한 설명 - AD8479

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com