전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX162244GX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74LCX162244GX
상세설명  Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX162244GX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74LCX162244GX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX162244GX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500471
www.fairchildsemi.com
September 2000
Revised May 2005
74LCX162244
Low Voltage 16-Bit Buffer/Line Driver
with 26
: Series Resistors in Outputs
General Description
The LCX162244 contains sixteen non-inverting buffers with
3-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus oriented transmit-
ter/receiver. The device is nibble controlled. Each nibble
has separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The LCX162244 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V signal
environment.
In addition, the outputs include equivalent 26
: (nominal)
series resistors to reduce overshoot and undershoot and
are designed to sink/source up to 12 mA at VCC 3.0V.
The LCX162244 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s Outputs include equivalent series resistance of 26
: to
make external termination resistors unnecessary and
reduce overshoot and undershoot
s 5.3 ns tPD max (VCC 3.0V), 20 PA ICC max
s Power down high impedance inputs and outputs
s
r12 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74LCX162244GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
74LCX162244MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LCX162244MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


유사한 부품 번호 - 74LCX162244GX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX162244GX ONSEMI-74LCX162244GX Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

유사한 설명 - 74LCX162244GX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCX2244 FAIRCHILD-74LCX2244 Datasheet
156Kb / 11P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
Motorola, Inc
MC74VCX162244 MOTOROLA-MC74VCX162244 Datasheet
135Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com