전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX162374 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74LCX162374
상세설명  Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26??Series Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX162374 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX162374 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX162374 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V, and 2.7V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


유사한 부품 번호 - 74LCX162374

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX162374 FAIRCHILD-74LCX162374 Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
logo
ON Semiconductor
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX162374GX FAIRCHILD-74LCX162374GX Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
logo
ON Semiconductor
74LCX162374GX ONSEMI-74LCX162374GX Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX162374MEA FAIRCHILD-74LCX162374MEA Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
More results

유사한 설명 - 74LCX162374

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX162374 FAIRCHILD-74LCX162374_05 Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
logo
ON Semiconductor
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Toshiba Semiconductor
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX16374 FAIRCHILD-74LCX16374 Datasheet
76Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16374 NSC-54LCX16374 Datasheet
91Kb / 5P
   Low Voltage 16-Bit D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCX16821 FAIRCHILD-74LCX16821 Datasheet
80Kb / 8P
   Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX821 FAIRCHILD-74LCX821 Datasheet
90Kb / 8P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX821 ONSEMI-74LCX821 Datasheet
196Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com