전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX16373 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74LCX16373
상세설명  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16373 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74LCX16373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for SSOP and TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
O0 Previous O0 before HIGH-to-LOW transition of Latch Enable
Pin Names
Description
OEn
Output Enable Input (Active LOW)
LEn
Latch Enable Input
I0–I15
Inputs
O0–O15
Outputs
NC
No Connect
1
234
56
A
O0
NC
OE1
LE1
NC
I0
B
O2
O1
NC
NC
I1
I2
C
O4
O3
VCC
VCC
I3
I4
D
O6
O5
GND
GND
I5
I6
E
O8
O7
GND
GND
I7
I8
F
O10
O9
GND
GND
I9
I10
G
O12
O11
VCC
VCC
I11
I12
H
O14
O13
NC
NC
I13
I14
J
O15
NC
OE2
LE2
NC
I15
Inputs
Outputs
LE1
OE1
I0–I7
O0–O7
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0
Inputs
Outputs
LE2
OE2
I8–I15
O8–O15
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0


유사한 부품 번호 - 74LCX16373

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373G ONSEMI-74LCX16373G Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373MEA ONSEMI-74LCX16373MEA Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results

유사한 설명 - 74LCX16373

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com