전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3175EIBZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL3175EIBZ
상세설명  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3175EIBZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL3175EIBZ Datasheet HTML 1Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 2Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 3Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 4Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 5Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3175EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6307.5
June 8, 2012
Pinouts
ISL3172E, ISL3175E, ISL3178E
(8 LD MSOP, SOIC)
TOP VIEW
ISL3171E, ISL3174E, ISL3177E
(8 LD MSOP, SOIC)
TOP VIEW
ISL3170E, ISL3173E, ISL3176E
(10 LD MSOP)
TOP VIEW
ISL3170E, ISL3173E, ISL3176E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information
PART NUMBER (Notes 1, 2, 3)
PART MARKING
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL3170EIBZ
3170EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3170EIUZ
3170Z
-40 to +85
10 Ld MSOP
M10.118
ISL3171EIBZ
3171 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3171EIUZ
3171Z
-40 to +85
8 Ld MSOP
M8.118
ISL3172EIBZ
3172 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3172EIUZ
3172Z
-40 to +85
8 Ld MSOP
M8.118
ISL3173EIBZ
3173EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3173EIUZ
3173Z
-40 to +85
10 Ld MSOP
M10.118
ISL3174EIBZ
3174 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3174EIUZ
3174Z
-40 to +85
8 Ld MSOP
M8.118
ISL3175EIBZ
3175 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3175EIUZ
3175Z
-40 to +85
8 Ld MSOP
M8.118
ISL3176EIBZ
3176EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3176EIUZ
3176Z
-40 to +85
10 Ld MSOP
M10.118
ISL3177EIBZ
3177 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3177EIUZ
3177Z
-40 to +85
8 Ld MSOP
M8.118
ISL3178EIBZ
3178 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3178EIUZ
3178Z
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E,ISL3175E,
ISL3176E, ISL3177E, ISL3178E. For more information on MSL please see tech brief TB363.
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


유사한 부품 번호 - ISL3175EIBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3175EIBZ INTERSIL-ISL3175EIBZ Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ INTERSIL-ISL3175EIBZ Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ INTERSIL-ISL3175EIBZ Datasheet
767Kb / 19P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
logo
Renesas Technology Corp
ISL3175EIBZ RENESAS-ISL3175EIBZ Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

유사한 설명 - ISL3175EIBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com