전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX16245GX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74LCX16245GX
상세설명  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16245GX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74LCX16245GX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16245GX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012001
www.fairchildsemi.com
February 1994
Revised May 2005
74LCX16245
Low Voltage 16-Bit Bidirectional Transceiver
with 5V Tolerant Inputs and Outputs
General Description
The LCX16245 contains sixteen non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus ori-
ented applications. The device is designed for low voltage
(2.5V or 3.3V) VCC applications with capability of interfac-
ing to a 5V signal environment. The device is byte con-
trolled. Each byte has separate control inputs which could
be shorted together for full 16-bit operation. The T/R inputs
determine the direction of data flow through the device.
The OE inputs disable both the A and B ports by placing
them in a high impedance state.
The LCX16245 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s 4.5 ns tPD max (VCC 3.3V), 20 PA ICC max
s Power down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s
r24 mA output drive (VCC 3.0V)
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Note 2: Ordering code “G” indicates Trays.
Note 3: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74LCX16245G
(Note 2)(Note 3)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74LCX16245MEA
(Note 3)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LCX16245MTD
(Note 3)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


유사한 부품 번호 - 74LCX16245GX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX16245G ONSEMI-74LCX16245G Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
More results

유사한 설명 - 74LCX16245GX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com