전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX245SJ 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74LCX245SJ
상세설명  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX245SJ 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74LCX245SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.fairchildsemi.com
2
Logic Symbol
Pin Descriptions
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Note 5: Unused bus terminals during HIGH Z State must be held
HIGH or LOW.
Connection Diagrams
Pin Assignments for SOIC,
SOP, SSOP, and TSSOP
Pin Assignment for DQFN
(Top Through View)
Logic Diagram
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
Inputs
Outputs
OE
T/R
L
L
Bus B0 – B7 Data to Bus A0 – A7
L
H
Bus A0 – A7 Data to Bus B0 – B7
H
X
HIGH Z State on A0 – A7, B0 – B7 (Note 5)


유사한 부품 번호 - 74LCX245SJ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX245SJ ONSEMI-74LCX245SJ Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX245SJ FAIRCHILD-74LCX245SJ_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results

유사한 설명 - 74LCX245SJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com