전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX373WM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LCX373WM
상세설명  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373WM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LCX373WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
Absolute Maximum Ratings
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the Absolute Maximum Ratings. The “Recommended Operating Conditions” table will define the
conditions for actual device operation.
Recommended Operating Conditions5
Notes:
4.
IO Absolute Maximum Rating must be observed.
5.
Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Conditions
Value
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
Output in 3-STATE
−0.5 to +7.0
V
Output in HIGH or LOW State4
−0.5 to V
CC + 0.5
IIK
DC Input Diode Current
VI < GND
−50
mA
IOK
DC Output Diode Current
VO < GND
−50
mA
VO > VCC
+50
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Conditions
Min.
Max.
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0
5.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH / IOL
Output Current
VCC = 3.0V − 3.6V
±24
mA
VCC = 2.7V − 3.0V
±12
VCC = 2.3V − 2.7V
±8
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate
VIN = 0.8V − 2.0V, VCC = 3.0V
0
10
ns /V


유사한 부품 번호 - 74LCX373WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX373WM FAIRCHILD-74LCX373WM Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373WM ONSEMI-74LCX373WM Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
More results

유사한 설명 - 74LCX373WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com