전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX543 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 74LCX543
상세설명  Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX543 데이터시트(HTML) 8 Page - Fairchild Semiconductor

  74LCX543 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX543 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC24
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


유사한 부품 번호 - 74LCX543

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
74LCX543MSA ONSEMI-74LCX543MSA Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
74LCX543MTC ONSEMI-74LCX543MTC Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
74LCX543WM ONSEMI-74LCX543WM Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
More results

유사한 설명 - 74LCX543

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
   LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16543 FAIRCHILD-74LCX16543 Datasheet
94Kb / 9P
   Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com