전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX543WM 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74LCX543WM
상세설명  Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX543WM 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74LCX543WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX543WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tR = tF = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


유사한 부품 번호 - 74LCX543WM

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX543WM ONSEMI-74LCX543WM Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
More results

유사한 설명 - 74LCX543WM

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
   LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16543 FAIRCHILD-74LCX16543 Datasheet
94Kb / 9P
   Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com