전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCXH245WM 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74LCXH245WM
상세설명  Low Voltage Bidirectional Transceiver with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH245WM 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74LCXH245WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500363
www.fairchildsemi.com
October 2000
Revised September 2001
74LCXH245
Low Voltage Bidirectional Transceiver with Bushold
General Description
The LCXH245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus ori-
ented applications. The device is designed for low voltage
(2.5V and 3.3V) VCC applications. The T/R input deter-
mines the direction of data flow through the device. The OE
input disables both the A and B ports by placing them in a
high impedance state.
The LCXH245 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation. The LCXH16244 data inputs
include active bushold circuitry, eliminating the need for
external pull-up resistors to hold unused or floating data
inputs at a valid logic level.
Features
s 5V tolerant control inputs
s 2.3V–3.6V VCC specifications provided
s 7.0 ns tPD max (VCC = 3.3V), 10 µA ICC max
s Power down high impedance outputs
s
±24 mA output drive (V
CC = 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s Bushold on inputs eliminates the need for external
pull-up/pull-down resistors
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
GTO
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74LCXH245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCXH245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCXH245MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74LCXH245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs (Bushold)
B0–B7
Side B Inputs or 3-STATE Outputs (Bushold)


유사한 부품 번호 - 74LCXH245WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCXH245WM FAIRCHILD-74LCXH245WM Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245WM ONSEMI-74LCXH245WM Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
More results

유사한 설명 - 74LCXH245WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com