전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1902FAZ 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL1902FAZ
상세설명  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1902FAZ 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL1902FAZ Datasheet HTML 6Page - Intersil Corporation ISL1902FAZ Datasheet HTML 7Page - Intersil Corporation ISL1902FAZ Datasheet HTML 8Page - Intersil Corporation ISL1902FAZ Datasheet HTML 9Page - Intersil Corporation ISL1902FAZ Datasheet HTML 10Page - Intersil Corporation ISL1902FAZ Datasheet HTML 11Page - Intersil Corporation ISL1902FAZ Datasheet HTML 12Page - Intersil Corporation ISL1902FAZ Datasheet HTML 13Page - Intersil Corporation ISL1902FAZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL1902
10
FN7981.2
March 20, 2013
Clamp Voltage
IACDETECT = 1.0mA
6.8
7.2
7.6
V
INRUSH
High Level Output Voltage (VOH)
VINRUSH at 0mA - VINRUSH at -10mA,
VDD = 8V operating
1.00
V
Low Level Output Voltage (VOL)
VINRUSH = 10mA, VDD = 8V
operating
1.00
V
Inrush Duration (see tDELAY Fig. 10)
8V < VDD< 26V
140
180
220
µs
Output Clamp Voltage
VDD = 20V, IINRUSH = -10µA
10.5
12
13.4
V
Unbiased Output Voltage Clamp
VDD = 6V, ILOAD = 3mA
2.3
V
LOW PASS FILTER
High Level Output Voltage (VOH)
VLPOUT at 0µA - VLPOUT at -100µA,
8V < VDD< 26V
0.1
V
Low Level Output Voltage (VOL)
VLPOUT at 100µA, 8V < VDD< 26V
0.1
V
Output Range
00.50
V
LPOUT vs AC Conduction Angle
ILPOUT = 0µA, f = 120Hz (rectified),
8V < VDD< 26V
485
514
543
mV
Duty Cycle (
α) = 98%
Duty Cycle (
α) = 75%
273
300
323
mV
Duty Cycle (
α) = 50%
110
130
148
mV
Duty Cycle (
α) = 25%
16
30
41
mV
Duty Cycle (
α) = 10%
0
1
9
mV
REFIN
Input Common Mode (CM) Range
0VREF-1
V
Input Bias Current
REFIN = 4.4V
-1.0
1.0
µA
Offset Voltage (VOS), Combined FBx + REFIN at EA
8V < VDD< 26V, see Fig. 11
-11
11
mV
LINEAR AMPLIFIER
Input Offset (VOS)
LFB = LOUT, LREF = 0.5V
-4
4
mV
High Level Output Voltage (VOH)
ILOUT = -1mA,
LFB = 0V, LREF = VREF
(VOH at 0mA - VOH at -1mA)
1.0
V
Low Level Output Voltage (VOL)
ILOUT = 8mA,
LFB = VREF, LREF = 0V
1.0
V
Input Common Mode (CM) Range
0VREF
V
Output Operating Range
0.3
4.3
V
GBWP
(Note 8)
1
MHz
Open Loop Gain
(Note 8)
85
dB
Input Bias Current LREF, LFB
LREF = 1.0V, LFB = 1.0V
-1.0
1.0
µA
Output Pull-Down Impedance
VDD = 6.0V, ILOUT = 100µA
10
kΩ
SOFT-START
Duration
282
370
483
ms
Reference Soft-Start Initial Step
21
mV
OFFREF
Input Bias Current
OFFREF = 0.5V
-1.0
1.0
µA
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to the Block Diagram on page 4 and
Typical Application schematics starting on page 5. VDD = 17V, RRAMP = 54kΩ, CRAMP = 470pF, TA = -40°C to +125°C, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


유사한 부품 번호 - ISL1902FAZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1902FAZ RENESAS-ISL1902FAZ Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

유사한 설명 - ISL1902FAZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com