전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMB-618HT-B17 데이터시트(PDF) 1 Page - AAEON Technology

부품명 AMB-618HT-B17
상세설명  10.4??VGA (640 x 480) Color TFT LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAEON [AAEON Technology]
홈페이지  http://www.aaeon.com
Logo AAEON - AAEON Technology

AMB-618HT-B17 데이터시트(HTML) 1 Page - AAEON Technology

  AMB-618HT-B17 Datasheet HTML 1Page - AAEON Technology AMB-618HT-B17 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Removable Drive Bay
10.4” flat-panel display
Universal 250W power supply
Dual Push-pull cooling fans
Changeable rear bracket panel
Passive backplane
Lockable dust-proof door
with membrane keypad
19” Rackmount plastic
front panel with removable
handles
Hold-down clamp
08
Note: All specifications are subject to change without notice.
Features
Specifications
08-7
10.4”VGA(640x480)ColorTFTLCD
PlasticFrontPanelandHeavy-dutySteelChassis
DiskDriveBayforCD-ROM,FloppyDiskDriveand
3.5”HardDiskDrive
TwoSealedMembraneKeyboards,62-key
MembraneKeypad
ISAx14orPCIx4/PICMGx2/ISAbusPassive
Backplanex8
Industrial Workstation with 10.4” TFT LCD and 14 Expansion Slots
System
Processor
Socket 370-based Intel® Pentium® III / Intel® Celeron® CPU
supports up to 1.0 GHz (FSB 66/100MHz)
Memory
SDRAM supports up to 768MB
LCD/CRT Controller
C&T 69000 VGA controller with 2MB SDRAM
CRT & LCD panel support
Ethernet
Realtek RTL8139, 10/100 Base-TX RJ-45 Ethernet connector
I/O Port
2 serial ports: RS-232 x 1, RS-232/422/485 x 1
(COM 2 reserved for touchscreen)
Parallel port x 1 (supports ECP/EPP)
PS/2 keyboard port x 1
Storage Disk Drive
(Optional)
3.5” IDE Hard Disk Drive, 3.5” Floppy Disk Drive, 5.25”CD-ROM
USB Connector
Dual USB ports
Membrane Keypads
Two sealed membrane keyboards, 62-key membrane keypad
Keyboard/Mouse
Connector
1 PS/2 connector on front panel with anti-dust door
Expansion Slot
ISA x 14 or PCI x 4/ PICMG x 2/ ISA bus passive backplane x 8
Power Supply
Universal 250W switching power supply
OS Support
MS DOS, Windows® 2000
Mechanical
Construction
Aluminum alloy front panel and heavy-duty steel chassis
Front Panel Color
PMC cool gray 4C
Dimension
19” (W) x 12.2” (H) x 9.4” (D) (483mm x 310mm x 239.6mm)
Carton Dimension
24.2” (W) x 15.0” (H) x 20.8” (D) (615mm x 382mm x 530mm)
Gross Weight
28.7 lb (13 Kg)
Environmental
Operating Temperature
32ºF ~ 113ºF (0ºC ~ 45ºC)
Storage Temperature
-4ºF ~ 140ºF (-20ºC ~ 60ºC)
Operating Humidity
10 to 95%, non-condensing
Vibration
0.15mm 10 cycles Random Non-operation 2G, 5 ~ 500Hz
Shock
10G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
AC Model
Input: 85-265V AC@47-63Hz
Output: +5V@24A; +12V@12A; -5V@1A; -12V@1A
LCD
Display Type
10.4” color TFT LCD
Max. Resolution
640 x 480
Max. Colors
262K
Dot Size
0.33mm x 0.33mm
Luminance (Typical)
230 cd/m2
Viewing Angle
80º (H) / 45º (V)
Brightness Control
Yes
Back Light MTBF (Hours)
30,000
AWK-3004 (AMB-618)


유사한 부품 번호 - AMB-618HT-B17

제조업체부품명데이터시트상세설명
logo
AAEON Technology
AMB-632HT-B10 AAEON-AMB-632HT-B10 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
AMB-632HTT-B10 AAEON-AMB-632HTT-B10 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
More results

유사한 설명 - AMB-618HT-B17

제조업체부품명데이터시트상세설명
logo
Hantronix,Inc
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
   640 X 480 10.4 VGA Color
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
   640 X 480 10.4 VGA Monochrome
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
   640 X 480 10.4 VGA Color w/Touch Screen
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
Purdy Electronics Corpo...
AND10C210-DHB PURDY-AND10C210-DHB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
logo
Schneider Electric
XBTGT5330 SCHNEIDER-XBTGT5330 Datasheet
80Kb / 5P
   advanced touchscreen panel - 640 x 480 pixels VGA - 10.4" - TFT LCD - 24 V DC
logo
Purdy Electronics Corpo...
AND10C210-HB-KIT PURDY-AND10C210-HB-KIT Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261F-HB PURDY-AND104A261F-HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB PURDY-AND10C210-HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261G-4HB PURDY-AND104A261G-4HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com