전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1A 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 ES1A
상세설명  1.0AMP. Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1A 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  ES1A_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1A_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1A_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1A_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Symbol
A
B
C
D
E
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
2.29
2.83
0.090
0.111
C
4.06
4.60
0.160
0.181
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
0.15
0.31
0.006
0.012
G
0.10
0.20
0.004
0.008
H
4.95
5.33
0.195
0.210
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
Suggested PAD Layout
Unit(mm)
1.78
1.51
3.92
2.41
4.43
Package Outline Dimensions
DIM.
Unit(mm)
Unit(inch)
Marking Diagram


유사한 부품 번호 - ES1A_13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ES1A-13-F DIODES-ES1A-13-F Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
logo
Micro Commercial Compon...
ES1A MCC-ES1A_13 Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
More results

유사한 설명 - ES1A_13

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_12 Datasheet
197Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
E1AFEA CHONGQING-E1AFEA Datasheet
179Kb / 1P
   1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
ES07A CHONGQING-ES07A Datasheet
181Kb / 1P
   1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL_11 Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
ESH1B TSC-ESH1B Datasheet
136Kb / 2P
   1.0AMP Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF101B SECOS-SUF101B Datasheet
209Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A_16 Datasheet
198Kb / 1P
   1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com