전자부품 데이터시트 검색엔진 |
|
74LVQ240SC 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
74LVQ240SC 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page 74LVQ240 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs General Description The LVQ240 is an inverting octal buffer and line driver de- signed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which pro- vides improved PC board density. Features n Ideal for low power/low noise 3.3V applications n Implements patented EMI reduction circuitry n Available in SOIC JEDEC, SOIC EIAJ, and QSOP packages n Guaranteed simultaneous switching noise level and dynamic threshold performance n Improved latch-up immunity n Guaranteed incident wave switching into 75 Ω n 4 kV minimum ESD immunity Ordering Code: Order Number Package Number Package Description 74LVQ240SC M20B 20-Lead (0.300" Wide) Molded Small Outline Package, SOIC, JEDEC 74LVQ240SJ M20D 20-Lead Molded Shrink Small Outline Package, SOIC, EIAJ 74LVQ240QSC MQA20 20-Lead (0.150" Wide) Molded Shrink Small Outline Package, SSOP, JEDEC Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Logic Symbol Pin Descriptions Pin Names Description OE 1,OE2 3-STATE Output Enable Inputs I 0–I7 Inputs O 0–O7 Outputs Connection Diagram Truth Tables Inputs Outputs OE 1 I n (Pins 12, 14, 16, 18) LL H LH L HX Z Inputs Outputs OE 2 I n (Pins 3, 5, 7, 9) LL H LH L HX Z H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance IEEE/IEC DS011611-1 Pin Assignment, SOIC and QSOP DS011611-2 May 1998 © 1998 Fairchild Semiconductor Corporation DS011611 www.fairchildsemi.com |
유사한 부품 번호 - 74LVQ240SC |
|
유사한 설명 - 74LVQ240SC |