전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT162245G 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVT162245G
상세설명  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162245G 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVT162245G Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 8Page - Fairchild Semiconductor 74LVT162245G Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating Conditions
Note 3: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 4: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 4.6
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to 7.0
Output in HIGH or LOW State (Note 4)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
IO
DC Output Current
64
VO ! VCC Output at HIGH State
mA
128
VO ! VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
r64
mA
IGND
DC Ground Current per Ground Pin
r128
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH-Level Output Current
B Port
32
mA
A Port
12
IOL
LOW-Level Output Current
B Port
64
mA
A Port
12
TA
Free Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Max
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VO t VCC  0.1V
VOH
Output HIGH Voltage
A Port
3.0
2.0
V
IOH 12 mA
2.7–3.6
VCC0.2
VIOH 100 PA
B Port
2.7
2.4
V
IOH 8 mA
3.0
2.0
IOH 32 mA
VOL
Output LOW Voltage
A Port
3.0
0.8
V
IOL 12 mA
2.7
0.2
V
IOL 100 PA
B Port
2.7
0.5
V
IOL 24 mA
3.0
0.4
IOL 16 mA
3.0
0.5
IOL 32 mA
3.0
0.55
IOL 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PA
VI 0.8V
(Note 5)
75
VI 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
PA
(Note 6)
(Note 5)
Current to Change State
500
(Note 7)
II
Input Current
3.6
10
PA
VI 5.5V
Control Pins
3.6
r1VI 0V or VCC
Data Pins
3.6
5VI 0V
1VI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V


유사한 부품 번호 - 74LVT162245G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVT162245G ONSEMI-74LVT162245G Datasheet
207Kb / 11P
   Low Voltage 16-Bit Transceiver
Revised June 2005
More results

유사한 설명 - 74LVT162245G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX162245 FAIRCHILD-74VCX162245 Datasheet
146Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
74LVT16245 FAIRCHILD-74LVT16245 Datasheet
76Kb / 8P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com