전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT244 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74LVT244
상세설명  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT244 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  74LVT244 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC20


유사한 부품 번호 - 74LVT244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVT244 FAIRCHILD-74LVT244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVT244 ONSEMI-74LVT244 Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

유사한 설명 - 74LVT244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com