전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2412K 데이터시트(PDF) 3 Page - Rohm

부품명 2SC2412K
상세설명  General purpose transistor (50V, 0.15A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SC2412K 데이터시트(HTML) 3 Page - Rohm

  2SC2412K Datasheet HTML 1Page - Rohm 2SC2412K Datasheet HTML 2Page - Rohm 2SC2412K Datasheet HTML 3Page - Rohm 2SC2412K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.D
Data Sheet
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658
Fig.7 Collector-emitter saturation
voltage vs. collector current (
Ι )
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100
°C
25
°C
−55°C
Fig.8 Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5 1
2
5
10
20
50 100
IC/IB=50
Ta=100
°C
25
°C
−55°C
Fig.9 Gain bandwidth product vs.
emitter current
50
−0.5 −1
−2
−5 −10 −20
−50 −100
100
200
500
Ta=25
°C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.10
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cob
Ta=25
°C
f
=1MHz
IE
=0A
IC
=0A
Cib
Fig.11 Base-collector time constant
vs. emitter current
−0.2
−0.5
−1
−2
−5
−10
EMITTER CURRENT : IE
(mA)
10
20
50
100
200
Ta=25
°C
f=32MHZ
VCB=6V


유사한 부품 번호 - 2SC2412K

제조업체부품명데이터시트상세설명
logo
Rohm
2SC2412K ROHM-2SC2412K Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
2SC2412K ROHM-2SC2412K Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K Datasheet
248Kb / 5P
   NPN General Purpose Transistors
logo
Rohm
2SC2412K ROHM-2SC2412K Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
More results

유사한 설명 - 2SC2412K

제조업체부품명데이터시트상세설명
logo
Littelfuse
2SC5658T2LR LITTELFUSE-2SC5658T2LR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Renesas Technology Corp
2SC5658T2LR RENESAS-2SC5658T2LR Datasheet
110Kb / 5P
   General purpose transistor (50V, 0.15A)
logo
Rohm
2SC2412K ROHM-2SC2412K_07 Datasheet
120Kb / 4P
   General purpose transistor(50V, 0.15A)
2SC4081T106R ROHM-2SC4081T106R Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Littelfuse
2SC2412KT146Q LITTELFUSE-2SC2412KT146Q Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC4617TLR LITTELFUSE-2SC4617TLR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Rohm
2SC2412K ROHM-2SC2412K_1 Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1774EB ROHM-2SA1774EB_09 Datasheet
167Kb / 3P
   General Purpose Transistor (50V, 0.15A)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com