전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ24 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 SMAJ24
상세설명  400 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ24 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SMAJ24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ24 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ24 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ24 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMA
R3
SMA
R2
SMA
M2
Folded SMA
F3
Folded SMA
F2
Folded SMA
F4
C SMA
E3
C SMA
E2
Tape & Reel specification
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
7"
12mm
178
1.9
13
21
62
12.2
14.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
12mm
330
2
13
20.2
75
12.4
18.4
Unit (mm)
7.5K / 13" REEL
E2G
Ordering information
Part No.
Package
Packing
Packing
code
Packing code
(Green)
R2G
1.8K / 7" REEL
7.5K / 13" REEL
F2G
1.8K / 7" REEL
7.5K / 13" Plastic REEL
M2G
7.5K / 13" Plastic REEL
F4G
E3G
Reel Size Tape Size
Note: "x" is Device Code from "5.0" thru "188".
Reel Size Tape Size
SMAJxx
(Note)
1.8K / 7" REEL
R3G
7.5K / 13" REEL
F3G


유사한 부품 번호 - SMAJ24

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMAJ24 SOCAY-SMAJ24 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ24 JGD-SMAJ24 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ24 HORNBY-SMAJ24 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMAJ24 VISHAY-SMAJ24 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
logo
RFE international
SMAJ24 RFE-SMAJ24 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
More results

유사한 설명 - SMAJ24

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com