전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVTH162374MEA 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVTH162374MEA
상세설명  Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162374MEA 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVTH162374MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Functional Description
The LVTH162374 consists of sixteen edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The
device is byte controlled with each byte functioning identically, but independent of the other. The control pins can be
shorted together to obtain full 16-bit operation. Each byte has a buffered clock and buffered Output Enable common to all
flip-flops within that byte. The description which follows applies to each byte. Each flip-flop will store the state of their indi-
vidual D-type inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CPn) transition. With the
Output Enable (OEn) LOW, the contents of the flip-flops are available at the outputs. When OEn is HIGH, the outputs go to
the high impedance state. Operation of the OEn input does not affect the state of the flip-flops.
Logic Diagrams
Byte 1 (0:7)
Byte 2 (8:15)
Please note that these diagrams are provided for the understanding of logic operation and should not be used to estimate propagation delays.


유사한 부품 번호 - 74LVTH162374MEA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH162374MEA FAIRCHILD-74LVTH162374MEA Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
More results

유사한 설명 - 74LVTH162374MEA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374_07 Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com