전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVTH273 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVTH273
상세설명  Low Voltage Octal D-Type Flip-Flop with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH273 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVTH273 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 8)
Note 8: Characterized in SOIC package. Guaranteed parameter, but not tested.
Note 9: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Note 10: All typical values are at VCC
3.3V, TA
25
qC.
Capacitance (Note 11)
Note 11: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 9)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 9)
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
Max
Min
Max
(Note 10)
fMAX
Maximum Clock Frequency
150
150
MHz
tPLH
Propagation Delay
1.7
4.9
1.7
5.5
ns
tPHL
CP to On
1.9
4.8
1.9
5.1
tPHL
Propagation Delay CLR to On
1.6
4.8
1.6
5.4
ns
tW
Pulse Duration
3.3
3.3
ns
tS
Setup Time
Data HIGH or LOW before CP
2.3
2.7
ns
CLR HIGH before CP
2.3
2.7
tH
Hold Time
Data HIGH or LOW after CP
0
0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
3pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
6pF


유사한 부품 번호 - 74LVTH273

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH2240 FAIRCHILD-74LVTH2240 Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240MTC FAIRCHILD-74LVTH2240MTC Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240MTCX FAIRCHILD-74LVTH2240MTCX Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results

유사한 설명 - 74LVTH273

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com