전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1909CX550 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS1909CX550
상세설명  MicroPower VFM Boost DC to Dc Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1909CX550 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1909CX550 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1909CX550 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1909CX550 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1909CX550 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1909CX550 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1909CX550 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS1909
MicroPower VFM Boost DC to Dc Converter
3/3
Version: A10
Detailed Description
The TS1909 architecture is built around a VFM CONTROL logic core, switching frequency is set through a built in
oscillator. TON time is fixed (Typ. 5uS) while TOFF time is determined by the error amplifier output, a logic signal coming
from the comparison made by the Error Amplifier Stage between the signal coming from the output voltage divider
network and the internal Band-Gap voltage reference (VREF). TOFF reaches a minimum (Typ. 1.7uS) when heavy load
conditions are met (Clock frequency 150KHz). An over current conditions, through the internal power switch, causes a
voltage drop VLX=RDSON x ISW and the VLX limiter block forces the internal switch to be off, so narrowing TON time
and limiting internal power dissipation. In this case the switching frequency may be higher than the 150KHz set by the
internal clock generator.
VFM control ensures very low quiescent current and high conversion efficiency even with very light loads. Since the
Output Voltage pin is also used as the device Supply Voltage, the versions with higher output voltage present an
higher internal supply voltage that results in lower power switch RDSON, slightly greater output power and higher
efficiency. Moreover, bootstrapping allows the input voltage to sag to 0.6V (at IOUT=1mA) once the system is started.
If the input voltage exceeds the output voltage, the output will follow the input, however, the input or output voltage
must not be forced above 5.5V.
Application Information
Input/Output Capacitor Selection
The Output Ripple Voltage, as well as the Efficiency, is strictly related to the behavior of these elements. The output
ripple voltage is the product of the peak inductor current and the output capacitor Equivalent Series Resistance (ESR).
Best performances are obtained with good high frequency characteristics capacitors and low ESR. The best
compromise for the value of the Output Capacitance is 47µF Tantalum Capacitor; Lower values may cause higher
Output Ripple Voltage and lower Efficiency without compromising the functionality of the device. An Input Capacitor is
required to compensate, if present, the series impedance between the Supply Voltage Source and the Input Voltage of
the Application.
Inductor Selection
A 47µH inductor is recommended for most TS1909 applications. However, the inductance value is not critical, and the
TS1909 will work with inductors in the 33µH to 120µH.
Diode Selection
Schottky diodes with higher current ratings usually have lower forward voltage drop, larger diode capacitance and fast
reverse recovery, it is the ideal choices for TS1909 applications. The forward voltage drop of a Schottky diode
represents the conduction losses in the system, while the diode capacitance (CT or CD) represents the switching
losses. For diode selection, both forward voltage drop and diode capacitance need to be considered.
PCB layout guide
When laying out the PC board, the following suggestions should be taken to ensure proper operation of the TS1909.
These items are also illustrated graphically in below. The power traces, including the GND trace, the SW trace and the
VCC trace should be kept short, direct and wide to allow large current flow. Put enough multiply-layer pads when they
need to change the trace layer. Do not trace signal line under inductor.


유사한 부품 번호 - TS1909CX550

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
TS190 CLARE-TS190 Datasheet
448Kb / 8P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS190 IXYS-TS190 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
TS1900CX5 TSC-TS1900CX5 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
logo
Clare, Inc.
TS190L CLARE-TS190L Datasheet
442Kb / 8P
   Multifunction Telecom Switch
More results

유사한 설명 - TS1909CX550

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340_1 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com