전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19375 데이터시트(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19375
상세설명  PWM Step-Up Controller Oscillation frequency: 500kHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19375 데이터시트(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19375 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS19375
PWM Step-Up Controller
6/8
Version: B11
Electrical Characteristics Curve (TA=25ºC, VIN=5V, VFORWARD-LED=3.3V, unless otherwise noted)
Input Voltage vs. Output Voltage
Output Current vs. Output Voltage
Shutdown Current vs. Temperature
Feedback Voltage vs. Temperature


유사한 부품 번호 - TS19375

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

유사한 설명 - TS19375

제조업체부품명데이터시트상세설명
logo
SHOUDING Shouding Semic...
SD6273 SHOUDING-SD6273 Datasheet
1Mb / 9P
   1.2MHz Step-Up PWM Controller
logo
Eutech Microelectronics...
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
   1.2MHz Step-Up PWM Controller
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
Advanced Analog Technol...
AAT1109 AAT-AAT1109 Datasheet
592Kb / 18P
   ONE-CHANNEL STEP-UP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com