전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSA5888CYRMG 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TSA5888CYRMG
상세설명  Low Vcesat PNP Transistor High allowable power dissipation.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSA5888CYRMG 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSA5888CYRMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSA5888
Low Vcesat PNP Transistor
2/5
Version: B12
Electrical Characteristics Curve (Ta = 25
oC, unless otherwise noted)
Figure 1. DC Current Gain
Figure 2. VCE(SAT) v.s. Collector Current
Figure 3. VBE(SAT) v.s. Collector Current
Figure 4. Transition Frequency vs. Emitter Current
Figure 5. Cob vs. Collector-Base Voltage
Figure 6. Cib vs. Emitter-Base Voltage


유사한 부품 번호 - TSA5888CYRMG

제조업체부품명데이터시트상세설명
logo
StarHope
TSA58U SPSEMI-TSA58U Datasheet
120Kb / 5P
   TSA(240W) Series
More results

유사한 설명 - TSA5888CYRMG

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412_11 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
   Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
   Low Vcesat PNP Transistor
TSB1590 TSC-TSB1590_1 Datasheet
271Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_07 Datasheet
225Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412 Datasheet
220Kb / 4P
   Low Vcesat PNP Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com