전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX161284 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVX161284
상세설명  Low Voltage IEEE 161284 Translating Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX161284 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVX161284 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 8Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Fairchild does not recom-
mend operation outside the databook specifications.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Supply Voltage
VCC
0.5V to 4.6V
VCC—Cable
0.5V to 7.0V
VCC—Cable Must Be t VCC
Input Voltage (VI)—(Note 4)
A1–A13, PLHIN, DIR, HD
0.5V to VCC  0.5V
B1–B8, C14–C17, HLHIN
0.5V to 5.5V (DC)
B1–B8, C14–C17, HLHIN
2.0V to 7.0V*
*40 ns Transient
Output Voltage (VO)
A1–A8, A14–A17, HLH
0.5V to VCC 0.5V
B1–B8, Y9–Y13, PLH
0.5V to 5.5V (DC)
B1–B8, Y9–Y13, PLH
2.0V to 7.0V*
*40 ns Transient
DC Output Current (IO)
A1–A8, HLH
r25 mA
B1–B8, Y9–Y13
r50 mA
PLH (Output LOW)
84 mA
PLH (Output HIGH)
50 mA
Input Diode Current (IIK)—(Note 4)
DIR, HD, A9–A13, PLH, HLH, C14–C17
20 mA
Output Diode Current (IOK)
A1–A8, A14–A17, HLH
r50 mA
B1–B8, Y9–Y13, PLH
50 mA
DC Continuous VCC or Ground
Current
r200 mA
Storage Temperature
65qC to 150qC
ESD (HBM) Last Passing Voltage
2000V
Supply Voltage
VCC
3.0V to 3.6V
VCC—Cable
3.0V to 5.5V
DC Input Voltage (VI)0V to VCC
Open Drain Voltage (VO)
0V to 5.5V
Operating Temperature (TA)
40qC to 85qC
Symbol
Parameter
VCC
(V)
VCC—Cable
(V)
TA 0qCTA 40qC
Units
Conditions
to
70qCto 85qC
Guaranteed Limits
VIK
Input Clamp
3.0
3.0
1.2
1.2
V
Ii 18 mA
Diode Voltage
VIH
Minimum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
2.0
2.0
V
HIGH Level
Cn
3.0–3.6
3.0–5.5
2.3
2.3
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
2.6
2.6
VIL
Maximum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
0.8
0.8
V
LOW Level
Cn
3.0–3.6
3.0–5.5
0.8
0.8
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
1.6
1.6
'VT
Minimum Input
An, Bn, PLHIN, DIR, HD
3.3
5.0
0.4
0.4
V
VT–VT
Hysteresis
Cn
3.3
5.0
0.8
0.8
VT–VT
HLHIN
3.3
5.0
0.2
0.2
VT–VT
VOH
Minimum HIGH
An, HLH
3.0
3.0
2.8
2.8
V
IOH 50 PA
Level Output
3.0
3.0
2.4
2.4
IOH 4 mA
Voltage
Bn, Yn
3.0
3.0
2.0
2.0
IOH 14 mA
Bn, Yn
3.0
4.5
2.23
2.23
IOH 14 mA
PLH
3.15
3.15
3.1
3.1
IOH 500 PA


유사한 부품 번호 - 74LVX161284

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284AMTD FAIRCHILD-74LVX161284AMTD Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284AMTX FAIRCHILD-74LVX161284AMTX Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
logo
ON Semiconductor
74LVX161284MEA ONSEMI-74LVX161284MEA Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
More results

유사한 설명 - 74LVX161284

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVXZ161284 FAIRCHILD-74LVXZ161284 Datasheet
340Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com