전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX163 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74LVX163
상세설명  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX163 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  74LVX163 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX163 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Guaranteed Minimum
tS
Minimum Setup Time
2.7
5.5
6.5
ns
(Pn–CP)
3.3
± 0.3
5.5
6.5
tS
Minimum Setup Time
2.7
8.0
9.5
ns
(PE –CP)
3.3
± 0.3
8.0
9.5
tS
Minimum Setup Time
2.7
7.5
9.0
ns
(CEP or CET–CP)
3.3
± 0.3
7.5
9.0
tS
Minimum Setup Time
2.7
4.0
4.0
ns
(MR –CP)
3.3
± 0.3
4.0
4.0
tH
Minimum Hold Time
2.7
1.0
1.0
ns
(Pn–CP)
3.3
± 0.3
1.0
1.0
tH
Minimum Hold Time
2.7
1.0
1.0
ns
(PE –CP)
3.3
± 0.3
1.0
1.0
tH
Minimum Hold Time
2.7
1.0
1.0
ns
(CEP or CET–CP)
3.3
± 0.3
1.0
1.0
tH
Minimum Hold Time
2.7
1.5
1.5
ns
(MR –CP)
3.3
± 0.3
1.5
1.5
tW(L)
Minimum Pulse Width
2.7
5.0
5.0
ns
tW(H)
CP (Count)
3.3
± 0.3
5.0
5.0


유사한 부품 번호 - 74LVX163

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
STMicroelectronics
74LVX16373 STMICROELECTRONICS-74LVX16373 Datasheet
276Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS
74LVX16373TTR STMICROELECTRONICS-74LVX16373TTR Datasheet
276Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
74LVX16374TTR STMICROELECTRONICS-74LVX16374TTR Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
More results

유사한 설명 - 74LVX163

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com