전자부품 데이터시트 검색엔진 |
|
74LVX14MX 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
74LVX14MX 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 7 page www.fairchildsemi.com 4 AC Electrical Characteristics Note 5: Parameter guaranteed by design. tOSLH |tPLHm tPLHn|, tOSHL |tPHLm tPHLn| Capacitance Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units CL (pF) (V) Min Typ Max Min Max tPLH Propagation 2.7 8.7 16.3 1.0 19.5 ns 15 tPHL Delay Time 11.2 19.8 1.0 23.0 50 3.3 r 0.3 6.8 10.6 1.0 12.5 15 9.3 14.1 1.0 16.0 50 tOSLH Output to Output 2.7 1.5 1.5 ns 50 tOSHL Skew (Note 5) 3.3 1.5 1.5 Symbol Parameter TA 25qCTA 40qC to 85qC Units Min Typ Max Min Max CIN Input Capacitance 4 10 10 pF CPD Power Dissipation 21 pF Capacitance (Note 6) |
유사한 부품 번호 - 74LVX14MX |
|
유사한 설명 - 74LVX14MX |