전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX74M 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVX74M
상세설명  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX74M 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVX74M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 4)
Note 4: Input tr
tf
3 ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC 0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to 5.5V
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.5
1.5
Input Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level
2.0
0.5
0.5
Input Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIL or VIH IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIL or VIH IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
2.0
20.0
PAVIN VCC or GND
Symbol
Parameter
VCC
(V)
TA 25qC
Units
CL (pF)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.3
0.5
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.3
0.5
V
50
VIHD
Minimum High Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum Low Level Dynamic Input Voltage
3.3
0.8
V
50


유사한 부품 번호 - 74LVX74M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX74M FAIRCHILD-74LVX74M Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74M ONSEMI-74LVX74M Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTC FAIRCHILD-74LVX74MTC Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74MTC ONSEMI-74LVX74MTC Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTCX FAIRCHILD-74LVX74MTCX Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

유사한 설명 - 74LVX74M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com