전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3300ITQ1633TP 데이터시트(PDF) 9 Page - Touchstone Semiconductor Inc

부품명 TS3300ITQ1633TP
상세설명  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300ITQ1633TP 데이터시트(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS3300ITQ1633TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 11Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 12Page - Touchstone Semiconductor Inc TS3300ITQ1633TP Datasheet HTML 13Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TS3300
TS3300DS r1p0
Page 9
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
BIN
Boost Input. Bypass this pin with a 22µF ceramic capacitor in close
proximity to the TS3300.
2
CCP
Charge Pump Capacitor. Place a 3.3nF capacitor between this pin and
GND
3
BEN
Boost Enable (active low). To enable the TS3300, connect this to GND. To
disable the TS3300, set the voltage to greater than VBI – 50mV.
4
BI FB
Boost Input Feedback for Anti-Crush Voltage Setting. The BI FB pin
voltage is 392mV. To set the anti-crush voltage, refer to the Applications
Information
section and to Figure 7.
5
FAC
Factory use only. Do not connect to GND or VDD. Leave open.
6
SW EN
Switch Enable. When SW EN is high and REG EN is low, the internal
FET/SWITCH connects the LDO output to the LDO input. The internal FET
has an RdsON = 1.2 . Refer to Table 1.
7
REG EN
LDO Regulator Enable. When REG EN is high and SW EN is low, the
LDO is under normal operation. Refer to Table 1.
8
REG FB
LDO Regulator Output Feedback. The REG FB pin voltage is 505mV.
REG FB coupled with a voltage divider circuit sets the LDO output voltage.
Refer to Figure 3.
9
GND
Ground. Connect this pin to the analog ground plane
10
REGOUT
LDO Regulator Output Voltage. A minimum output capacitance of 10µF is
recommended to be placed from this pin to GND. To set the LDO output
voltage, use a voltage divider circuit along with the REG FB pin as shown
in Figure 3.
11
REGIN
LDO Regulator Input/Boost Output. REGIN should always be connected to
the boost regulator output voltage pin BO. BO is always the input to the
LDO. Do not apply an external supply voltage to this pin.
12
GND
Ground. Connect this pin to the analog ground plane.
13
BO FB
Boost Output Feedback. The BO FB pin voltage is 505mV. BO FB coupled
with a voltage divider circuit sets the boost regulator output voltage. Refer
to Figure 2.
14
BO
Boost Regulator Output Voltage. A minimum output capacitance of 10µF
is recommended to be placed from this pin to GND. To set the boost
regulator output voltage, use a voltage divider circuit along with the BO FB
pin. Refer to Figure 2.
15
LSW
Coil is a low-ESR, high-saturation current, shielded inductor. A 10µH
inductor is recommended for most applications and is to be placed from
this pin to the input of the boost regulator BI. Furthermore, there should
exist at least an 8% margin between the saturation current of the inductor
and the peak inductor current for a given set of operating conditions.
16
GND
Ground. Connect this pin to the analog ground plane.
EP
For best electrical and thermal performance, connect exposed paddle to
GND.


유사한 부품 번호 - TS3300ITQ1633TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS3300ITQ1633T SILABS-TS3300ITQ1633T Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
More results

유사한 설명 - TS3300ITQ1633TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com