전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV832MMTR-G1 데이터시트(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

부품명 AZV832MMTR-G1
상세설명  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV832MMTR-G1 데이터시트(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV832MMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV832MMTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
AZV831/2
Typical Performance Characteristics
Figure 4. Supply Current vs. Temperature
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Input Offset Voltage vs.
Figure 7. Input Offset Voltage vs.
Input Common Mode Voltage
Input Common Mode Voltage
-0.5
0.0
0.5
1.0
1.5
2.0
-6
-5
-4
-3
-2
-1
0
1
Input Common Mode Voltage (V)
V
CC=1.6V
T
A=-40
oC
T
A=25
oC
T
A=85
oC
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-6
-5
-4
-3
-2
-1
0
1
Input Common Mode Voltage (V)
V
CC=1.8V
T
A=-40
oC
T
A=25
oC
T
A=85
oC
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
Dual Amplifiers
V
OUT=VCC/2
I
OUT=0mA
T
A=-40
OC
T
A=25
OC
T
A=85
OC
Supply Voltage (V)
-40
-20
0
20406080
100
120
80
100
120
140
160
180
200
220
240
260
Dual Amplifiers
V
CC=5.0V
V
CC=3.0V
V
CC=1.8V
V
CC=1.6V
No Load
V
OUT=1/2VCC
Temperature (
OC)


유사한 부품 번호 - AZV832MMTR-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZV832MMTR-G1 BCDSEMI-AZV832MMTR-G1 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
logo
Diodes Incorporated
AZV832MMTR-G1 DIODES-AZV832MMTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

유사한 설명 - AZV832MMTR-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2 Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Texas Instruments
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
MOSA ELECTRONICS
MSV932 MOSA-MSV932 Datasheet
478Kb / 10P
   Rail-to-Rail Input and Output Low Voltage 2.1V, Low Supply Current Dual Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com