전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCXH162244 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74VCXH162244
상세설명  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162244 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74VCXH162244 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162244 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162244 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162244 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162244 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162244 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162244 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500231
www.fairchildsemi.com
January 2000
Revised March 2000
74VCXH162244
Low Voltage 16-Bit Buffer/Line Driver with Bushold
and 26
Ω Series Resistor in Outputs
General Description
The VCXH162244 contains sixteen non-inverting buffers
with 3-STATE outputs to be employed as a memory and
address driver, clock driver, or bus oriented transmitter/
receiver. The device is nibble (4-bit) controlled. Each nibble
has separate 3-STATE control inputs which can be shorted
together for full 16-bit operation. .
The VCXH162244 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data inputs at a valid logic level
The 74VCXH162244 is also designed with 26
Ω series
resistors in the outputs. This design reduces line noise in
applications such as memory address drivers, clock driv-
ers, and bus transceivers/transmitters.
The 74VCXH162244 is designed for low voltage (1.65V to
3.6V) VCC applications with output capability up to 3.6V.
The 74VCXH162244 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant control inputs and outputs
s Bushold on data inputs eliminates the need for external
pull-up/pull-down resistors
s 26
Ω series resistors in outputs
s tPD
3.3 ns max for 3.0V to 3.6V VCC
3.8 ns max for 2.3V to 2.7V VCC
7.6 ns max for 1.65V to 1.95V VCC
s Static Drive (IOH/IOL)
±12 mA @ 3.0V V
CC
±8 mA @ 2.3V V
CC
±3 mA @ 1.65V V
CC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Ordering Code:
Note 1: Use this Order Number to receive devices in Tape and Reel.
Logic Symbol
Pin Descriptions
Order Number
Package
Package Description
Number
74VCXH162244MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TUBES]
74VCXH162244MTX
(Note 1)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]
Pin Names
Description
OEn
Output Enable Input (Active LOW)
I0–I15
Bushold Inputs
O0–O15
Outputs


유사한 부품 번호 - 74VCXH162244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCXH162244MTD FAIRCHILD-74VCXH162244MTD Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCXH162244MTX FAIRCHILD-74VCXH162244MTX Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results

유사한 설명 - 74VCXH162244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com