전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

74VCXH16244 데이터시트(Datasheet) 6 Page - Fairchild Semiconductor

부품명 74VCXH16244
상세내용  Low Voltage 16-Bit Buffer/Line Driver with Bushold
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 6 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 9)
Note 9: For CL 50PF, add approximately 300 ps to the AC maximum specification.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tPHL
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.8
2.5
ns
Figures
1, 2
tPLH
2.5
r 0.2
1.0
3.0
1.8
r 0.15
1.5
6.0
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
12.0
Figures
5, 6
1.2
1.5
30.0
tPZL
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
4.1
1.8
r 0.15
1.5
8.2
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
16.4
Figures
5, 7, 8
1.2
1.5
41.0
tPLZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPHZ
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
6.8
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
13.6
Figures
5, 7, 8
1.2
1.5
34.0
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 10)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2 k:
1.5
r 0.1
1.5
1.2
1.5
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOHV
Quiet Output Dynamic Valley VOH
CL 30 pF, VIH VCC, VIL 0V
1.8
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VCC 1.8, 2.5V or 3.3V, VI 0V or VCC
6.0
pF
COUT
Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7.0
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20.0
pF




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트



관련 부품명

부품명상세내용Html View제조사
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374Low Voltage 16-Bit D-Type Flip-Flop with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
UPC2260LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN 1 2 3 4 5 MoreNEC
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
74ABT240Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX373Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl