전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT18,215 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BAT18,215
상세설명  Silicon planar diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT18,215 데이터시트(HTML) 2 Page - NXP Semiconductors

  BAT18,215 Datasheet HTML 1Page - NXP Semiconductors BAT18,215 Datasheet HTML 2Page - NXP Semiconductors BAT18,215 Datasheet HTML 3Page - NXP Semiconductors BAT18,215 Datasheet HTML 4Page - NXP Semiconductors BAT18,215 Datasheet HTML 5Page - NXP Semiconductors BAT18,215 Datasheet HTML 6Page - NXP Semiconductors BAT18,215 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9397 750 13385
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2004
2 of 7
Philips Semiconductors
BAT18
Silicon planar diode
4.
Marking
[1]
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China.
5.
Limiting values
6.
Thermal characteristics
[1]
Device mounted on a FR4 printed-circuit board.
7.
Characteristics
Table 3:
Marking
Type number
Marking code [1]
BAT18
10*
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
35
V
IF
continuous forward current
-
100
mA
Tstg
storage temperature
−55
+125
°C
Tj
junction temperature
-
125
°C
Table 5:
Thermal characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-tp)
thermal resistance from junction to tie-point
330
K/W
Rth(j-a)
thermal resistance from junction to ambient
[1] 500
K/W
Table 6:
Electrical characteristics
Symbol Parameter
Conditions
Min
Typ
Max Unit
VF
forward voltage
IF = 100 mA; see Figure 1
-
-
1.2
V
IR
reverse current
see Figure 2
VR = 20 V
-
-
100
nA
VR = 20 V; Tj =60 °C
--1
µA
Cd
diode capacitance VR = 20 V; f = 1 MHz; see Figure 3
-
0.8
1.0
pF
rD
diode forward
resistance
IF = 5 mA; f = 200 MHz; see Figure 4
-
0.5
0.7


유사한 부품 번호 - BAT18,215

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18 Datasheet
27Kb / 4P
   Band-switching diode
1996 Mar 13
logo
Siemens Semiconductor G...
BAT18 SIEMENS-BAT18 Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
432Kb / 3P
   Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18 KEXIN-BAT18 Datasheet
35Kb / 1P
   Silicon RF Switching Diode
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
More results

유사한 설명 - BAT18,215

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_15 Datasheet
62Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
   Silicon Planar Diode
Rev. 2, 01-Apr-99
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Vishay Siliconix
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
   Silicon Planar Diode
Rev. 3, 18-Mar-99
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
CDG22 SEMTECH-CDG22 Datasheet
50Kb / 1P
   SILICON PLANAR BIASING DIODE
logo
GOOD-ARK Electronics
1N4148 GOOD-ARK-1N4148 Datasheet
249Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
LL4448 GOOD-ARK-LL4448 Datasheet
211Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com