전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC153N 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74VHC153N
상세설명  Dual 4-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC153N 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74VHC153N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC153N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC153N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC153N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC153N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC153N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC153N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + ICC.
Symbol
Parameter
VCC
(V)
TA = 25°CTA =−40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
± 0.3
7.7
11.9
1.0
14.0
ns
CL = 15 pF
tPHL
In to Zn
10.2
15.4
1.0
17.5
CL = 50 pF
5.0
± 0.5
5.0
7.7
1.0
9.0
ns
CL = 15 pF
6.5
9.7
1.0
11.0
CL = 50 pF
tPLH
Propagation Delay
3.3
± 0.3
10.8
16.7
1.0
19.5
ns
CL = 15 pF
tPHL
Sn to Zn
13.3
20.2
1.0
23.0
CL = 50 pF
5.0
± 0.5
6.8
9.9
1.0
11.5
ns
CL = 15 pF
8.3
11.9
1.0
13.5
CL = 50 pF
tPLH
Propagation Delay
3.3
± 0.3
6.3
10.1
1.0
12.0
ns
CL = 15 pF
tPHL
En to Zn
8.8
13.6
1.0
15.5
CL = 50 pF
5.0
± 0.5
4.4
6.4
1.0
7.5
ns
CL = 15 pF
5.9
8.4
1.0
9.5
CL = 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation
20
pF
(Note 3)
Capacitance


유사한 부품 번호 - 74VHC153N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC153 FAIRCHILD-74VHC153 Datasheet
255Kb / 9P
   Dual 4-Input Multiplexer
logo
Toshiba Semiconductor
74VHC153FT TOSHIBA-74VHC153FT Datasheet
188Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
Fairchild Semiconductor
74VHC153M FAIRCHILD-74VHC153M Datasheet
255Kb / 9P
   Dual 4-Input Multiplexer
74VHC153M FAIRCHILD-74VHC153M Datasheet
260Kb / 9P
   Dual 4-Input Multiplexer
74VHC153MTC FAIRCHILD-74VHC153MTC Datasheet
255Kb / 9P
   Dual 4-Input Multiplexer
More results

유사한 설명 - 74VHC153N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com