전자부품 데이터시트 검색엔진 |
|
K100K15C0GF5.H5 데이터시트(PDF) 6 Page - Vishay Siliconix |
|
K100K15C0GF5.H5 데이터시트(HTML) 6 Page - Vishay Siliconix |
6 / 13 page www.vishay.com For technical questions, contact: cmll@vishay.com Document Number: 45175 60 Revision: 16-Nov-09 Mono-Kap Vishay Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC 33 000 50 K333K15X7RF5.L2 K333M15X7RF5.L2 2.5 (0.10) 33 000 K333K15X7RF5.H5 K333M15X7RF5.H5 5.0 (0.20) 39 000 K393K15X7RF5.L2 K393M15X7RF5.L2 2.5 (0.10) 39 000 K393K15X7RF5.H5 K393M15X7RF5.H5 5.0 (0.20) 47 000 K473K15X7RF5.L2 K473M15X7RF5.L2 2.5 (0.10) 47 000 K473K15X7RF5.H5 K473M15X7RF5.H5 5.0 (0.20) 56 000 K563K15X7RF5.L2 K563M15X7RF5.L2 2.5 (0.10) 56 000 K563K15X7RF5.H5 K563M15X7RF5.H5 5.0 (0.20) 68 000 K683K15X7RF5.L2 K683M15X7RF5.L2 2.5 (0.10) 68 000 K683K15X7RF5.H5 K683M15X7RF5.H5 5.0 (0.20) 82 000 K823K15X7RF5.L2 K823M15X7RF5.L2 2.5 (0.10) 82 000 K823K15X7RF5.H5 K823M15X7RF5.H5 5.0 (0.20) 100 000 K104K15X7RF5.L2 K104M15X7RF5.L2 2.5 (0.10) 100 000 K104K15X7RF5.H5 K104M15X7RF5.H5 5.0 (0.20) 150 000 K154K20X7RF5.L2 K154M20X7RF5.L2 2.5 (0.10) 150 000 K154K20X7RF5.H5 K154M20X7RF5.H5 5.0 (0.20) 220 000 K224K20X7RF5.L2 K224M20X7RF5.L2 2.5 (0.10) 220 000 K224K20X7RF5.H5 K224M20X7RF5.H5 5.0 (0.20) 330 000 K334K20X7RF5.L2 K334M20X7RF5.L2 2.5 (0.10) 330 000 K334K20X7RF5.H5 K334M20X7RF5.H5 5.0 (0.20) 470 000 K474K20X7RF5.L2 K474M20X7RF5.L2 2.5 (0.10) 470 000 K474K20X7RF5.H5 K474M20X7RF5.H5 5.0 (0.20) 680 000 K684K20X7RF5.L2 K684M20X7RF5.L2 2.5 (0.10) 680 000 K684K20X7RF5.H5 K684M20X7RF5.H5 5.0 (0.20) 1 000 000 K105K20X7RF5.L2 K105M20X7RF5.L2 2.5 (0.10) 1 000 000 K105K20X7RF5.H5 K105M20X7RF5.H5 5.0 (0.20) MONO-KAP C0G - 50 VDC CLEAR TEXT CODE CAPACITANCE (pF) RATED VOLTAGE (VDC) 5 % TOLERANCE 13th digit (T = Reel, U = Ammo, 3 = Bulk) 10 % TOLERANCE 13th digit (T = Reel, U = Ammo, 3 = Bulk) LEAD SPACING mm (inch) 10 50 K100J15C0GF5.L2 K100K15C0GF5.L2 2.5 (0.10) 10 K100J15C0GF5.H5 K100K15C0GF5.H5 5.0 (0.20) 12 K120J15C0GF5.L2 K120K15C0GF5.L2 2.5 (0.10) 12 K120J15C0GF5.H5 K120K15C0GF5.H5 5.0 (0.20) 15 K150J15C0GF5.L2 K150K15C0GF5.L2 2.5 (0.10) 15 K150J15C0GF5.H5 K150K15C0GF5.H5 5.0 (0.20) 18 K180J15C0GF5.L2 K180K15C0GF5.L2 2.5 (0.10) 18 K180J15C0GF5.H5 K180K15C0GF5.H5 5.0 (0.20) 22 K220J15C0GF5.L2 K220K15C0GF5.L2 2.5 (0.10) 22 K220J15C0GF5.H5 K220K15C0GF5.H5 5.0 (0.20) 27 K270J15C0GF5.L2 K270K15C0GF5.L2 2.5 (0.10) 27 K270J15C0GF5.H5 K270K15C0GF5.H5 5.0 (0.20) 33 K330J15C0GF5.L2 K330K15C0GF5.L2 2.5 (0.10) 33 K330J15C0GF5.H5 K330K15C0GF5.H5 5.0 (0.20) 39 K390J15C0GF5.L2 K390K15C0GF5.L2 2.5 (0.10) 39 K390J15C0GF5.H5 K390K15C0GF5.H5 5.0 (0.20) MONO-KAP X7R - 50 VDC CLEAR TEXT CODE CAPACITANCE (pF) RATED VOLTAGE (VDC) 10 % TOLERANCE 13th digit (T = Reel, U = Ammo, 3 = Bulk) 20 % TOLERANCE 13th digit (T = Reel, U = Ammo, 3 = Bulk) LEAD SPACING mm (inch) |
유사한 부품 번호 - K100K15C0GF5.H5 |
|
유사한 설명 - K100K15C0GF5.H5 |