전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7658 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7658
상세설명  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7658 데이터시트(HTML) 5 Page - Analog Devices

  AD7658 Datasheet HTML 1Page - Analog Devices AD7658 Datasheet HTML 2Page - Analog Devices AD7658 Datasheet HTML 3Page - Analog Devices AD7658 Datasheet HTML 4Page - Analog Devices AD7658 Datasheet HTML 5Page - Analog Devices AD7658 Datasheet HTML 6Page - Analog Devices AD7658 Datasheet HTML 7Page - Analog Devices AD7658 Datasheet HTML 8Page - Analog Devices AD7658 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD7656/AD7657/AD7658
Rev. D | Page 5 of 32
AD7657
VREF = 2.5 V internal/external, AVCC = 4.75 V to 5.25 V, DVCC = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V;
For ±4 × VREF range: VDD = 10 V to 16.5 V, VSS = −10 V to −16.5 V; For ±2 × VREF range: VDD = 5 V to 16.5 V, VSS = −5 V to −16.5 V;
fSAMPLE = 250 kSPS, TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
B Version1
Y Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise + Distortion (SINAD)2
81.5
81.5
dB min
Signal-to-Noise Ratio (SNR)2
82.5
82.5
dB min
83.5
83.5
dB typ
Total Harmonic Distortion (THD)2
−90
−89
dB max
−92
−92
dB typ
Peak Harmonic or Spurious Noise (SFDR)2
−100
−100
dB typ
Intermodulation Distortion (IMD)2
fa = 50 kHz, fb = 49 kHz
Second-Order Terms
−109
−109
dB typ
Third-Order Terms
−104
−104
dB typ
Aperture Delay
10
10
ns max
Aperture Delay Matching
4
4
ns max
Aperture Jitter
35
35
ps typ
Channel-to-Channel Isolation2
−100
−100
dB typ
fIN on unselected channels up to 100 kHz
Full Power Bandwidth
12
12
MHz typ
@ −3 dB
2
2
MHz typ
@ −0.1 dB
DC ACCURACY
Resolution
14
14
Bits
No Missing Codes
14
14
Bits min
Integral Nonlinearity2
±1.5
±1.5
LSB max
±1
±1
LSB typ
Positive Full-Scale Error2
±0.75
±0.75
% FSR max
±0.183% FSR typical
Positive Full-Scale Error Matching2
±0.3
±0.3
% FSR max
Bipolar Zero-Scale Error2
±0.0305
±0.0305
% FSR max
±0.015 % FSR typical
Bipolar Zero-Scale Error Matching2
±0.0427
±0.0427
% FSR max
Negative Full-Scale Error2
±0.75
±0.75
% FSR max
±0.183% FSR typical
Negative Full-Scale Error Matching2
±0.3
±0.3
% FSR max
ANALOG INPUT
See Table 8 for min VDD/VSS for each range
Input Voltage Ranges
±4 × VREF
±4 × VREF
V
RNG bit/RANGE pin = 0
±2 × VREF
±2 × VREF
V
RNG bit/RANGE pin = 1
DC Leakage Current
±1
±1
µA max
Input Capacitance3
10
10
pF typ
±4 × VREF range when in track
14
14
pF typ
±2 × VREF range when in track
REFERENCE INPUT/OUTPUT
Reference Input Voltage Range
2.5/3
2.5/3
V min/max
DC Leakage Current
±1
±1
µA max
Input Capacitance3
18.5
18.5
pF typ
REFEN/DIS = 1
Reference Output Voltage
2.49/2.51
2.49/2.51
V min/max
Long-Term Stability
150
150
ppm typ
1,000 hours
Reference Temperature Coefficient
25
25
ppm/°C max
6
6
ppm/°C typ
LOGIC INPUTS
Input High Voltage (VINH)
0.7 × VDRIVE
0.7 × VDRIVE
V min
Input Low Voltage (VINL)
0.3 × VDRIVE
0.3 × VDRIVE
V max
Input Current (IIN)
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance (CIN)3
10
10
pF max


유사한 부품 번호 - AD7658

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7658 AD-AD7658 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658-1 AD-AD7658-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7658-1 AD-AD7658-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658BSTZ AD-AD7658BSTZ Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results

유사한 설명 - AD7658

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com